PART |
Description |
Maker |
GMR30H150CTPF3T GMR30H150C GMR30H150CTA3R GMR30H15 |
HIGH VOLTAGE POWER SCHOTTKY RECTIFIE
|
GAMMA[Gamma Microelectronics Inc.]
|
3PF0 |
(3PF0 / 3PF8) RECTIFIE
|
Semtech Corporation
|
NCP1652A NCP1652DWR2G NCP1652ADR2G NCP1652DR2G NCP |
High-Efficiency Single Stage Power Factor Correction and Step-Down Controller High Efficiency Single Stage Power Factor Correction and Step-down Controller POWER FACTOR CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO16 High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
|
ON Semiconductor
|
IPS401-05I-SO IPS401-05C-D IPS401-05C-SO IPS401-05 |
High Efficiency, High Power Factor, Universal High Brightness WHITE LED Controller
|
List of Unclassifed Manufacturers
|
MAX1566-MAX1567 MAX1566ETL MAX1566ETL-T |
Six-Channel / High-Efficiency / Digital Camera Power Supplies Six-Channel, High-Efficiency, Digital Camera Power Supplies 3.6 A SWITCHING REGULATOR, 1000 kHz SWITCHING FREQ-MAX, PQCC40
|
Maxim Integrated Products, Inc.
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
GB840 |
SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 8A RECTIFIE
|
GTM CORPORATION
|
KBP206 KBP208 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIE
|
Yea Shin Technology Co., Ltd
|
LTC3556 LTC3586 LTC3586-1 LTC3586-2 LTC3586-3 LTC3 |
High Efficiency USB Power Manager with Boost High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
|
Linear Technology Linear Integrated Systems Linear Technology, Corp.
|
TA0012 |
New High Power, High Efficiency HBT GSM Power Amplifier
|
RFMD[RF Micro Devices]
|